Part Number Hot Search : 
9962A TDSL110 00110 51007 C5193 OPB750N M54523 30C45
Product Description
Full Text Search
 

To Download WP7113PBCZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: WP7113PBC/Z
BLUE
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAG9882 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: NOV/17/2006 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP: 1101019742
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. WP7113PBC/Z BLUE (InGaN) WATER CLEAR 2200 Typ. 5000 Viewing Angle [1] 2 1/2 16
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 458 465 22 110 3.2 3.7 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Blue 111 30 100 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAG9882 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: NOV/17/2006 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP: 1101019742
Blue
WP7113PBC/Z
SPEC NO: DSAG9882 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: NOV/17/2006 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP: 1101019742
PACKING & LABEL SPECIFICATIONS
WP7113PBC/Z
SPEC NO: DSAG9882 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: NOV/17/2006 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP: 1101019742


▲Up To Search▲   

 
Price & Availability of WP7113PBCZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X